PART |
Description |
Maker |
2000-3 1408-1 1404-2 1404-1 1368-1 1368-3 1368-2 1 |
MICRO PINS MICRO PINS
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
AT49LV002T-70TI AT49BV002T-12TC AT49LV002T-12TC AT |
LM4897 Boomer ® Audio Power Amplifier Series 1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out; Package: MINI SOIC; No of Pins: 10 LM4898 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select; Package: MICRO SMD; No of Pins: 9 LM4250 Programmable Operational Amplifier; Package: TO-99; No of Pins: 8 LM4899 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain; Package: MICRO SMD; No of Pins: 9 LM4890 1 Watt Audio Power Amplifier; Package: SOIC NARROW; No of Pins: 8 LM4888 Boomer ® Audio Power Amplifier Series Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement; Package: LLP; No of Pins: 24 LM41 Hardware Monitor with Thermal Diode Inputs and SensorPath™ Bus; Package: TSSOP; No of Pins: 14 LM4894 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select; Package: LLP; No of Pins: 10 LM48860 Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 12 LM48861 PowerWise® Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 12 LM4890 1 Watt Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 LM4893 Boomer ® Audio Power Amplifier Series 1.1 Watt Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 LM4880 Boomer ® Audio Power Amplifier Series Dual 250 mW Audio Power Amplifier with Shutdown Mode; Package: SOIC NARROW; No of Pins: 8 MB41C 41#20 SKT RECP MB 41C 41#20 PIN RECP LM4140 High Precision Low Noise Low Dropout Voltage Reference; Package: SOIC NARROW; No of Pins: 8 256K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 LM4140 High Precision Low Noise Low Dropout Voltage Reference; Package: SOIC NARROW; No of Pins: 8 256K X 8 FLASH 2.7V PROM, 90 ns, PDIP32 LM4140 High Precision Low Noise Low Dropout Voltage Reference; Package: SOIC NARROW; No of Pins: 8 256K X 8 FLASH 2.7V PROM, 120 ns, PDIP32 LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I 2 C Volume Control and Reset; Package: MICRO SMD; No of Pins: 16 256K X 8 FLASH 3V PROM, 90 ns, PDSO32 LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I 2 C Volume Control and Reset 256K X 8 FLASH 3V PROM, 90 ns, PDIP32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 2.7V PROM, 90 ns, PDIP32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 3V PROM, 90 ns, PDIP32 LM4132 SOT-23 Precision Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 256K X 8 FLASH 2.7V PROM, 120 ns, PDSO32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 2.7V PROM, 120 ns, PQCC32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 2.7V PROM, 120 ns, PDSO32 LM4884 Boomer ® Audio Power Amplifier Series 2.1W Differential Input, BTL Output Stereo Audio Amplifier with RF Suppression and Shutdown; Package: TSSOP EXP PAD; No of Pins: 20 256K X 8 FLASH 3V PROM, 120 ns, PDSO32 MB 21C 21#16 PIN RECP 256K X 8 FLASH 2.7V PROM, 120 ns, PDIP32 LM4132 SOT-23 Precision Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 256K X 8 FLASH 2.7V PROM, 120 ns, PDIP32 LM4893 Boomer ® Audio Power Amplifier Series 1.1 Watt Audio Power Amplifier; Package: SOIC NARROW; No of Pins: 8 256K X 8 FLASH 3V PROM, 90 ns, PDSO32 2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 256K X 8 FLASH 3V PROM, 70 ns, PDIP32 LM4899 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain; Package: MICRO SMD; No of Pins: 9 LM4898 Boomer ® Audio Power Amplifier Series 1 Watt Fully Differential Audio Power Amplifier With Shutdown Select; Package: MICRO SMD; No of Pins: 9
|
Atmel Corp. Atmel, Corp.
|
693022010811 |
MICRO SIM - HINGE TYPE - 8 PINS
|
Wurth Elektronik GmbH &...
|
MAX153CPPCGP |
1Msps, µP Compatible, 8-Bit ADC with 1µA Power Down
|
MAXIM - Dallas Semiconductor
|
2-794618-2 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 22POS MICRO MNL ASSY, R/A HDR ( AMP )
|
Tyco Electronics
|
2-794618-4 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 24POS MICRO MNL ASSY, R/A HDR ( AMP )
|
Tyco Electronics
|
MAX6388XS16D3T MAX6383LT17D6 MAX6383LT17D6T MAX638 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
MAXIM - Dallas Semiconductor
|
MF601BE |
Product type: micro filter. System application: micro filter for ADSL CPE side.
|
YCL
|
1300370011 130037-0011 SD-130037-006 DND8500-02 |
DeviceNet Micro-Change (M12), 8 Port, Micro-Change 5 Poles, Male, 2.0m (6.56 ) MOLEX Connector
|
Molex Electronics Ltd.
|
S3C2510A S3C2510 |
IC,MICROPROCESSOR,32-BIT,CMOS,BGA,416PIN,PLASTIC 16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
|
Samsung Electronics Inc Samsung semiconductor
|
AL3K-67132L-70 ALS3-67132L-70 AL1K-67142L-70 ALS3- |
Push-Pull PWM Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 3-Phase, Buck Controllers for AMD CPUs; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C N-Channel MOSFET Gate Driver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Low Input Voltage, DC/DC Controller for DDR/QDR Memory Termination; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C x8 Dual-Port SRAM x8双端口SRAM
|
Qimonda AG Aeroflex, Inc. Advanced Interconnections, Corp.
|
|